PART |
Description |
Maker |
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
MAB8031AH-2-12WP MAF8031A-2A MAF8031A-2N MAF8031AH |
Circular Connector; No. of Contacts:5; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-5 RoHS Compliant: No (MAF8031AH / MAF8051AH) SINGLE CHIP 8 BIT MICROCONTROLLER SINGLE CHIP 8 BIT MICROCONTROLLER 8-BIT, MROM, 15 MHz, MICROCONTROLLER, PDIP40 SINGLE CHIP 8 BIT MICROCONTROLLER 单芯位微控制 SINGLECHIP8BITMICROCONTROLLER (SCN8031Hxxx) Single-Chip 8 Bit Microcontroller
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
PHILIPS
|
LC66506 LC66506B LC66P516 LC66354B LC66356B LC6635 |
4-BIT, MROM, 4.3 MHz, MICROCONTROLLER, PDIP64 6K-Byte/8K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications Four-Bit Single-Chip Microcontrollers with 4/ 6/ and 8 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
S3C9014 S3C9004S3P9004 S3P9014 |
8-Bit Single-Chip CMOS Microcontrollers Single-chip 8-bit Microcontroller Data Sheet
|
Samsung Electronic
|
UPD754144 UPD754144GS UPD754244 UPD754244GS UPD754 |
4-bit single-chip microprocessor incorporated with EEPROM 4-BIT SINGLE-CHIP MICROCONTROLLERS
|
NEC[NEC]
|
UPD78054GC-XXX-3B9 UPD78055GC-XXX-3B9 UPD78053GCA- |
8-BIT SINGLE-CHIP MICROCONTROLLER 8位微控制 8-BIT SINGLE-CHIP MICROCOMPUTER
|
NEC TOKIN America Inc. NEC TOKIN, Corp.
|